Part Number Hot Search : 
TC4066BF BR205 HC123 L6384 LTC14 EM274211 D30N03 1N4463
Product Description
Full Text Search
 

To Download THV1022E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THV1022-Rev0.05W
Preliminary
THV1022
2ch Buck/Boost Controller
General Description
THine's new 2ch Buck and Boost controller enables simple & low cost multi-channel power supply system design. Ch-1 is Boost controller, ch-2 is Buck controller. Both channels are PWM controllers and are designed to make phase compensation easy for output ceramic capacitors. SS_1,2 and SCP pins help to design user defined soft start time, and timer latch delay time. Utilizing those pins and XP_GOOD1,P_GOOD2 the ensured sequence control can be easily set and linked to the external circuit. This IC is suitable for power supply system of TFT LCD bias.
Features
*TSSOP 16Pin package *Input Voltage range : 4.2 to 20.0V *Push Pull output for direct Power Mos driving *Optimized for Ceramic output capacitor *Complete PWM mode controller *Adjustable switching frequency 200kH to 800KHz
by external resister
*Timer Latch Protection *UVLO Function *Adjustable Soft Start time by external capacitor *Adjustable Timer Latch Delay time
by external capacitor
*Ch-1 is fixed Boost controller *Ch-2 is fixed Buck controller
in a
ry
Pin Assignment Applications
* TFT LCD Bias voltage supply * General equipment
lim
TSSOP 16P
1 2 3 4 5 6 7 8 RT SGND SS_1 INV_1 FB_1 VCC XP_GOOD1 OUT_1 VREF SCP SS_2 INV_2 FB_2 OUT_2 P_GOOD2 PGND 16 15 14 13 12 11 10 9
P re
THine Electronics, Inc.


▲Up To Search▲   

 
Price & Availability of THV1022E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X